inchange semiconductor isc product specification isc website www.iscsemi.cn isc & iscsemi is registered trademark 1 isc n-channel mosfet transistor 2SK1981-01 description drain current C i d = 10a@ t c =25 drain source voltage- : v dss = 500v(min) fast switching speed applications switching regulators absolute maximum ratings(t a =25 ) symbol arameter value unit v dss drain-source voltage (v gs =0) 500 v v gs gate-source voltage 30 v i d drain current-continuous@ tc=25 10 a p tot total dissipation@tc=25 80 w t j max. operating junction temperature 150 t stg storage temperature range -55~150 thermal characteristics symbol parameter max unit r th j-c thermal resistance, junction to case 1.56 /w r th j-a thermal resistance, junction to ambient 75 /w pdf pdffactory pro www.fineprint.cn
inchange semiconductor isc product specification isc website www.iscsemi.cn isc & iscsemi is registered trademark 2 isc n-channel mosfet transistor 2SK1981-01 electrical characteristics (t c =25 ) symbol parameter conditions min type max unit v (br)dss drain-source breakdown voltage v gs = 0; i d = 10ma 500 v v gs (th ) gate threshold voltage v ds = v gs ; i d =1ma 2.5 3.5 v r ds( on ) drain-source on-resistance v gs = 10v; i d = 5a 0.6 0.76 i gss gate-body leakage current v gs = 30v;v ds = 0 100 na i dss zero gate voltage drain current v ds = 500v; v gs = 0 500 a ciss input capacitance v ds =25v;v gs =0v;f t =1mhz 2200 pf crss reverse transfer capacitance 50 coss output capacitance 240 t r rise time v gs =10v;i d =4a; v dd =200v; r l =50 60 ns t d(on) turn-on delay time 25 t f fall time 90 t d(off) turn-off delay time 100 pdf pdffactory pro www.fineprint.cn
|